|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CLV0769E-LF 9939 Via Pasar * San Diego, CA 92126 TEL (858) 621-2700 FAX (858) 621-2722 VOLTAGE CONTROLLED OSCILLATOR Rev A1 PHASE NOISE (1 Hz BW, typical) FEATURES 734 - 804 * Frequency Range: * Tuning Voltage: 1- 4 Vdc * MINI-16 - Style Package APPLICATIONS * VSAT Modems * Basestation * Digital Radios PERFORMANCE SPECIFICATIONS Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW, typ.) Harmonic Suppression (2nd, typ.) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance (max.) Pushing Pulling ( 14 dB Return Loss, Any Phase) MHz (f) (dBc/Hz) OFFSET (Hz) VALUE 734 - 804 -111 -9 1- 4 40 2.52.5 50 100 <2 <0.5 -40 to 85 MINI-16 5 16 APPLICATION NOTES Vdc mA pF MHz/V MHz C UNITS MHz dBc/Hz dBc Vdc MHz/V dBm Operating Temperature Range Package Style POWER SUPPLY REQUIREMENTS Supply Voltage (Vcc, nom.) Supply Current (Icc, typ.) All specifications are typical unless otherwise noted and subject to change without notice. * AN-100/1 : Mounting and Grounding of VCOs * AN-102 : Proper Output Loading of VCOs * AN-107 : How to Solder Z-COMM VCOs NOTES: (c) Z-Communications, Inc. Page 1 All rights reserved LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR TUNING CURVE, typ. 850 825 800 775 CLV0769E-LF PAGE 2 FREQUENCY (MHz) 85 750 725 700 675 650 0 0.5 1 1.5 2 2.5 3 3.5 4 25 -40 c c c TUNING VOLTAGE (Vdc) POWER CURVE, typ. POWER OUTPUT (dBm) 8 7 6 5 4 3 2 1 0 681 25 c 704 724 743 761 778 793 805 815 FREQUENCY (MHz) PHYSICAL DIMENSIONS PIN CONFIGURATION P1 Vt P2 RF Out P3 Vcc REST: GROUND Z-COMM XXXXXXXX-LF W/O# D/C PACKAGE MINI-16 MINI-16LOW MINI-16L H 0.220 0.160 0.130 NOTE: ALL DIMENSIONS ARE IN INCHES (c) Z-Communications, Inc. Page 2 Printed in the U.S.A. |
Price & Availability of CLV0769E-LF |